PART |
Description |
Maker |
37717-1001 37717-0001 |
CoolFin Heat Sink with Integrated Heat Pipes
|
Molex Electronics Ltd.
|
GS1578A GS1578ACNE3 |
GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
|
Gennum Corporation
|
GS1528BCTAE3 GS1528BCKAE3 |
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
|
Gennum Corporation
|
ADXRS612BBGZ-RL ADXRS612 ADXRS612BBGZ ADXRS612-15 |
250/sec Yaw Rate Gyro 【250∑/sec Yaw Rate Gyro The ADXRS612 is a complete angular rate sensor (gyroscope) that uses the Analog Devices, Inc. ±250°/sec Yaw Rate Gyro
|
AD[Analog Devices]
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
BCM8228 |
VERIRATETM MULTI-RATE TRANSCEIVER From old datasheet system VariRate Multirate Transceiver with SONET Rate Adaptation and PM
|
Electronic Theatre Controls, Inc. Broadcom
|
IDT723643 IDT723633 IDT723623 IDT723623L15 IDT7236 |
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-SOIC 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP 0 to 70 High-Slew-Rate, Single-Supply Operational Amplifier 8-PDIP -40 to 105 Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC 0 to 70 CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-PDIP 0 to 70 的CMOS总线匹配SyncFIFOTM 256 × 3612 × 36024 × 36
|
济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd.
|
106414-1205 |
QSFP to MPO Quad Data Rate PSM4 Active Optical Cable, 40 Gbps Data Rate, 2dB Loss Budget, Cable Length 5.0m
|
Molex Electronics Ltd.
|
MAX3483 MAX3483CPA MAX3483CSA MAX3483EPA MAX3483ES |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V-Powered 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-HVGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 SWITCH, 6MM S0/8.5MM HT TACT 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
AK4120 AK4120VF AKD4120 |
20-bit, 48KHz Sample-Rate Converter (SRC) Sample Rate Converter with Mixer and Volume
|
AKM[Asahi Kasei Microsystems]
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|